PART |
Description |
Maker |
4N33 4N29 4N30 4N32 4N31 |
STANDARD THRU HOLE CASE 730A-04
|
Motorola Inc Motorola, Inc. MOTOROLA[Motorola, Inc]
|
4N38 |
STANDARD THRU HOLE CASE 730A-04
|
MOTOROLA[Motorola, Inc]
|
CM252016-R22ML CM201212-R22KL CM201212-R68KL CM322 |
MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0056 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0015 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .1uH 10% Wirewound 1 ELEMENT, 0.1 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 2.7uH 10% Wirewound 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .33uH 20% Wirewound 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .033uH 10% Wirewound 1 ELEMENT, 0.033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0068 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 12uH 10% Wirewound 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:8.2uH; Inductance Tolerance: /- 10 %; Current Rating:0.27A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:150nH; Inductance Tolerance: /- 20 %; Current Rating:730A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1.8uH; Inductance Tolerance: 10 %; Current Rating:0.39A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1uH; Inductance Tolerance: /- 10 %; Current Rating:450A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:3.9uH; Inductance Tolerance: /- 10 %; Current Rating:0.33A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:330nH; Inductance Tolerance: 20 %; Current Rating:605A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:220nH; Inductance Tolerance: /- 20 %; Current Rating:665A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
LGU2W820MELZ LGU2W820MELY LGU1C103MELA LGU1C103MEL |
Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 22x30 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT Aluminum Snap-In Capacitor; Capacitance: 82uF; Voltage: 450V; Case Size: 20x35 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 82 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 12000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 15000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 18000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27000 uF, THROUGH HOLE MOUNT Withstanding 3000 hours application of rated ripple current at 105°C.
|
Nichicon, Corp. Nichicon corporation
|
LOB1-R0523FI LOB1-R0221FI LOB1-R022JI LOB1-R00562F |
RESISTOR, 1 W, 1 %, 0.0523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0221 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.022 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00562 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00604 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0062 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0147 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00523 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0232 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0332 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00576 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0059 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00649 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0051 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00698 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.0068 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00511 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0422 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.047 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.033 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0237 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.01 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0133 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0226 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00665 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0357 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00549 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 5 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00634 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.005 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00619 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.0475 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, 1 W, 1 %, 0.00681 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
Welwyn Components, Ltd.
|
QYS1H222KTP QYP1H223JTP QYS1H334KTP QYP1H333KTP |
Polyester Film Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 5.5x5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 22000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .33uF; Voltage: 50V; Case Size: 11x13 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.33 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 7.5x6 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.033 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
HDMP-1014 HDMP-1012 |
Bipolar Transistor; Collector Emitter Voltage, Vceo:400V; Transistor Polarity:N Channel; Power Dissipation:250W; C-E Breakdown Voltage:400V; DC Current Gain Min (hfe):10; Collector Current:50A; Package/Case:TO-3 Phase Lock Loop (PLL) IC; Number of Circuits:1; Package/Case:14-DIP; Mounting Type:Through Hole 4Low成本千兆速率发接收芯片
|
Agilent(Hewlett-Packard)
|
CY7C199 CY7C199-10VC CY7C199-10VI CY7C199-10ZC CY7 |
32K x 8 Static RAM ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, PDSO28 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 32K X 8 STANDARD SRAM, 20 ns, CQCC28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 15 ns, CDIP28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 32K x 8 Static RAM 32K X 8 STANDARD SRAM, 25 ns, CQCC28 32K x 8 Static RAM 32K的8静态RAM
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
X4005S8 X4005S8-1.8 X4005S8-2.7 X4005S8-2.7A X4005 |
RTC Module With CPU Supervisor 时钟模块CPU监控 DIODE, STUD 95A 400VDIODE, STUD 95A 400V; Voltage, Vrrm:400V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Cathode MODULE DROP IN FOR XE1203 868MHZ Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):70A; Non Repetitive Forward Surge Current Max, Ifsm:1150A; Forward Voltage Max, VF:1.5V; Package/Case:DO-203AB THYRISTOR, CAPSULE, 550A; Thyristor/Triac type:Thyristor; Voltage, Vdrm:1200V; Current, It rms:1200A; Current, Itsm:9000A; Current, Igt:250mA; Voltage, Vgt:1.65V; Case style:TO-200; Current, It av:550A; Diameter, External:41mm; RoHS Compliant: Yes
|
Intersil, Corp. XICOR[Xicor Inc.]
|
LCA1-38-E |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCD8-14A-L |
COPPER LUG - TWO-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCDX8-14A-L |
COPPER LUG - TWO-HOLE, STANDARD FLEX BARREL
|
PANDUIT CORP.
|
|